PART |
Description |
Maker |
1ZC121ZC120 E000390 1ZC12 |
DIODE(CONSTANTVOLTAGEREGULATION) CONSTANT VOLTAGE REGULATION TELEPHONE, PRINTER USES From old datasheet system DIODE (CONSTANT VOLTAGE REGULATION)
|
ToshibaSemiconductor Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
HZU16B1TRF-E HZU2.7B1TLF HZU2.0BTLF HZU2.4BTRF-E H |
15.69 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.625 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.05 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.45 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.925 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.225 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.25 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.525 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.075 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 3.375 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 2.775 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 7.21 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 5.795 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 4.515 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 30 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 23.445 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 21.325 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
|
RKZ10BKV RKZ12BKV |
Silicon Planar Zener Diode for Constant voltage regulator
|
Renesas Electronics Corporation
|
KDZ2.0EV-24EV |
Silicon Epitaxial Planar Zenner Diode(Constant Voltage Regulation Application,Reference Voltage Application)(硅外延平面齐纳二极管(衡压稳压器应用,基准电压应)
|
KEC Holdings
|
AS1329B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
AS1322 AS1322A-BTTT AS1322-13 AS1322B-BTTT |
Low Vol tage, Micropower, DC-DC Step-Up Conver ters
|
ams AG
|
MFK2807D/883 MFK2805S/883 MFK2805D/883 MFK2812D/88 |
MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ?25 Watt
|
Interpoint Corporation ...
|
NJU26105 |
AGC/eala BASS/T.cont/PEQ/Vol./HPF / QFP32-R1
|
JRC
|
|